Part Number Hot Search : 
2SC50 NTE987SM ER300 R5F2127 T1400J XCX01DNC ASI10 ACT32M
Product Description
Full Text Search
 

To Download SB1620CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB1620CT THRU SB1660CT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 20 TO 60V CURRENT: 16.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
TO-220AB
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 8.0A Maximum DC Reverse Current at rated DC blocking voltage Typical Junction Capacitance Typical Thermal Resistance Operating Junction Temperature Storage Temperature Ramge Ta =25C Ta =100C (Note 1) (Note 2)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj R(ja) Tj Tstg
SB16 20CT 20 14 20
SB16 30CT 30 21 30
SB16 35CT 35 25 35
SB16 40CT 40 28 40 16 150
SB16 45CT 45 32 45
SB16 50CT 50 35 50
SB16 60CT 60 42 60
units V V V A A
0.65 1.0 30.0 700 3.0 -40 to +125 -65 to +150
0.75 50.0 500 -50 to +150
V mA mA pF C/W C C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2. Thermal Resistance from Junction to Case
Rev.A5
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB1620CT THRU SB1660CT
1
1
Rev.A5
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB1620CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X